Part Number Hot Search : 
P3N100FI VM8PF A6266 P6KE30 LCE10AB 50TR40 6A20S MC14403
Product Description
Full Text Search
 

To Download ILE4264 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILE4264 5V/100mA Low-Drop Fixed-Voltage Regulator (analog TLE4264G, Siemens)
ILE4264G (analog TLE4264G, Siemens) - is a single-chip 5V/100mA low-drop fixed-voltage regulator implemented in a plastic P-SOT223-4-1 package as per Siemens specification. The circuit of 5V/100mA low-drop fixed-voltage regulator regulates fixed voltage of 5V with lowdrop voltage less than 0.5V at load current of 100mA. Applied in power sources of electronic equipment including automotive electronics. The circuit is protected against overload of either positive or negative polarity, internal limiting of maximum load current with temperature reset of output voltage Features: * * * * * * 5V output voltage tolerance 2% Low-drop voltage Very low current consumption Built-in overtemperature protection Protection against pins reverse polarity Junction temperature range from - 40 up to +125.
Pin Symbol Catalogue description Function
Pin Definition
1 2, 4 3
UI GND UQ
Input voltage Ground 5-V output voltage
Input Ground Output
1
ILE4264
ABSOLUTE MAXIMUM RATINGS Parameter Unit Operating values min Junction temperature, J Storage temperature, stg Input voltage, UI Input current, II
O O
Absolute maximum values min -40 -50 -42 max 150 150 42 Not limited internally Not limited internally 25*
max 125 45 Limited internally Limited internally 25*
C C V
-40 5,5 -
Current on "ground" (pin 2),IGND Output current (pin 3)
mA
15 -
50 -
Resistance junction-case, RthJC
/Wt
-
-
Resistance junction-air, RthJA /Wt 125* 125* Notes: 1 * - Rth ja - thermal resistance "junction-air" (for IC without additional external heat sink), /Wt. The same parameter in analog IC is Rth ja = 125 / (by "Siemens" information data). Thermal resistance "junction-air" of this circuit is determined in the course of research & development work. For the circuit with additional external heat sink: Rth ja = Rth jc + Rth ca , (1) Where Rth jc - IC thermal resistance "junction-case", /Wt. . The same parameter in analog IC is Rth jc = 25 /Wt ((by "Siemens" information data). Thermal resistance "case-air" Rth ca in the designed IC is determined by heat sink structure and specified by IC consumer. Heat sink, switching "on" mode (power consumed) and ambient temperature should ensure junction temperature not more than TJ +125 . 2 Absolute maximum power Ptot,Wt, dissipated by the IC at the ambient temperature TA , is determined as: Ptot = (125 - TA) / Rth ja , (2) where 125 - absolute maximum junction operation temperature,
2
ILE4264
Typical electrical parameters (VI =13,5 V, TJ=25, unless specified otherwise)
Parameter Supply voltage suppression, dB Symbol SVR Test conditions f = 100 Hz, UR = 0.5UPP, Typ. Value 54
Electrical parameters (VI=13.5V, -40 oC TJ 125 oC, unless specified otherwise)
Parameter Symbol Output voltage, V Output current, mA Consumption current, mA, Iq = II - IQ Drop voltage, V Output voltage versus load current, mV Output voltage versus input voltage, mV UQ IQ Iq Test conditions min 6VUI 28V 5mAIQ100mA IQ=1 mA IQ=100 mA UDr UQ(I) UQ(U) IQ=100 mA 5mA IO 100mA VI = 6 V 6V UI 28V IQ=5mA 4.9 120 0,4 15 0.5 40 30 max 5.1 Standard
Notes: 1 The electrical parameters are measured when input capacitor CI = 1000 mkF and output capacitor CQ = 10 mkF are connected. Application circuit is in attachment A. IC block diagram is in attachment B. 2 The parameters indicated in table 1 are guaranteed at constant junction temperature Tj. The parameters should be measured using pulse equipment.
3
ILE4264
TYPICAL APPLICATION CIRCUIT OF ILE4264G
Input
CI 1000mkF
1
3
CQ 10mkF
Output
ILA4264G
2,4
Input 1
Temperature sensor
Saturation Control and Protection Circuit
3
Buffer Adjustment Bandgap Reference
Output
Control amplifier
2,4 Ground Block diagram
4


▲Up To Search▲   

 
Price & Availability of ILE4264

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X